Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16260DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16260DGG
Description  12-bit to 24-bit multiplexed D-type latches 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16260DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
2.5V/3.3V 12-bit to 24-bit multiplexed D-type latches
(3-State)
1998 Jan 30
7
AC ELECTRICAL CHARACTERISTICS (3.3V
± 0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω
SYMBOL
PARAMETER
Tamb = –40°C to +85°C
VCC = +3.3V ± 0.3V
UNIT
FROM (INPUT)
TO (OUTPUT)
MIN
TYP
MAX
tPLH
AorB
BorA
1
2.8
4.8
ns
tPHL
A or B
B or A
1
2.6
4.6
ns
tPLH
LE
AorB
1.1
2.9
4.6
ns
tPHL
LE
A or B
1.1
3.1
4.7
ns
t
SEL (B1)
A
1.3
2.3
3.4
ns
tPLH
SEL (B2)
A
1.1
2.4
3.8
ns
t
SEL (B1)
A
1.5
2.4
3.6
ns
tPHL
SEL (B2)
A
1.6
2.4
3.6
ns
tPZH
OE
AorB
1
2.3
4.2
ns
tPZL
OE
A or B
1.6
2.3
4.0
ns
tPHZ
OE
AorB
2.2
4.4
6.0
ns
tPLZ
OE
A or B
1.3
3.1
5.0
ns
AC SETUP CHARACTERISTICS (3.3V
± 0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω
SYMBOL
PARAMETER
Tamb = –40°C to +85°C
VCC = +3.3V ± 0.3V
UNIT
MIN
MAX
tw
Pulse duration, LE1B, LE2B, LEA1B, or LEA2B high
3.3
ns
tsu
Setup time, data before LE1B, LE2B, LEA1B, or LEA2B
↓
1
ns
th
Hold time, data after LE1B, LE2B, LEA1B, or LEA2B
↓
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com