Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16373 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALVT16373
Description  2.5V/3.3V 16-bit transparent D-type latch 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16373 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVT16373 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16373 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16373
2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
8
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
VCC = 3.3V ±0.3V
UNIT
MIN
TYP
MIN
TYP
tS(H)
tS(L)
Setup time
nDx to nLE
3
0
1.5
–0.7
0.2
0.5
0.8
–0.2
0.2
ns
th(H)
th(L)
Hold time
nDx to nLE
3
0.5
1.5
–0.2
0.7
0.8
1.0
0
0.2
ns
tW(H)
nLE pulse width
High
1
1.5
1.5
1.5
1.5
ns
AC WAVEFORMS
For all waveforms
VM = 1.5V for VCC w 3.0V; VM = VCC/2 for VCC v 2.7V
VM = 1.5V for VCC w 3.0V; VM = VCC/2 for VCC v 2.7V
VX = VOL + 0.3V for VCC w 3.0V; VX = VOL + 0.15V for VCC v 2.7V
VY = VOH – 0.3V for VCC w 3.0V; VY = VOH – 0.15V for VCC v
2.7V
VM
VM
VM
VM
VM
tw(H)
tPHL
tPLH
nLE
nQx
SW00163
3.0V or VCC
whichever
is less
0V
VOH
VOL
Waveform 1. Propagation Delay, Enable to
Output, and Enable Pulse Width
nDx
VM
tPLH
tPHL
nQx
VM
VM
VM
SW00164
3.0V or VCC
whichever
is less
0V
VOH
VOL
Waveform 2. Propagation Delay for Data to Outputs
NOTE: The shaded areas indicate when the input is per-
mitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nLE
ts(H)
th(H)
ts(L)
th(L)
SW00165
VM
3.0V or VCC
whichever
is less
0V
0V
3.0V or VCC
whichever
is less
Waveform 3. Data Setup and Hold Times
nOE
VM
tPZH
tPHZ
nQx
VM
VM
SW00166
0V
VX
VOH
3.0V or VCC
whichever
is less
0V
Waveform 4. 3-State Output Enable time to High Level
and Output Disable Time from High Level
nOE
tPZL
tPLZ
0V
nQx
VM
VM
VM
SW00167
VOL
VY
3.0V or VCC
whichever
is less
3.0V or VCC
Waveform 5. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com