Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L91 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6L91
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6L91 Datasheet HTML 7Page - Microchip Technology MCP6L91 Datasheet HTML 8Page - Microchip Technology MCP6L91 Datasheet HTML 9Page - Microchip Technology MCP6L91 Datasheet HTML 10Page - Microchip Technology MCP6L91 Datasheet HTML 11Page - Microchip Technology MCP6L91 Datasheet HTML 12Page - Microchip Technology MCP6L91 Datasheet HTML 13Page - Microchip Technology MCP6L91 Datasheet HTML 14Page - Microchip Technology MCP6L91 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002141C-page 11
MCP6L91/1R/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs
The noninverting and inverting inputs (VIN+, VIN-, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.4V to 6.0V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP6L91
MCP6L91R
MCP6L92
MCP6L94
Symbol
Description
5-Lead
SOT-23
8-Lead
MSOP,
SOIC
5-Lead
SOT-23
8-Lead
MSOP,
SOIC
14-Lead
SOIC,
TSSOP
16
1
1
1
VOUT, VOUTA
Output (Op Amp A)
42
4
2
2
VIN-, VINA-
Inverting Input (Op Amp A)
33
3
3
3
VIN+, VINA+
Noninverting Input (Op Amp A)
57
2
8
4
VDD
Positive Power Supply
——
—
5
5
VINB+
Noninverting Input (Op Amp B)
——
—
6
6
VINB-
Inverting Input (Op Amp B)
——
—
7
7
VOUTB
Output (Op Amp B)
——
—
—
8
VOUTC
Output (Op Amp C)
——
—
—
9
VINC-
Inverting Input (Op Amp C)
——
—
—
10
VINC+
Noninverting Input (Op Amp C)
24
5
4
11
VSS
Negative Power Supply
——
—
—
12
VIND+
Noninverting Input (Op Amp D)
——
—
—
13
VIND-
Inverting Input (Op Amp D)
——
—
—
14
VOUTD
Output (Op Amp D)
—
1, 5, 8
—
—
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com