Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L714 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6L714
Description  2 MHz, 150 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L714 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6L714 Datasheet HTML 1Page - Microchip Technology MCP6L714 Datasheet HTML 2Page - Microchip Technology MCP6L714 Datasheet HTML 3Page - Microchip Technology MCP6L714 Datasheet HTML 4Page - Microchip Technology MCP6L714 Datasheet HTML 5Page - Microchip Technology MCP6L714 Datasheet HTML 6Page - Microchip Technology MCP6L714 Datasheet HTML 7Page - Microchip Technology MCP6L714 Datasheet HTML 8Page - Microchip Technology MCP6L714 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002145B-page 5
MCP6L71/1R/2/4
1.3
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-1. This circuit can independently set VCM and
VOUT; see Equation 1-1. Note that VCM is not the
circuit’s Common-mode voltage ((VP + VM)/2), and that
VOST includes VOS plus the effects (on the input offset
error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-1:
AC and DC Test Circuit for
Most Specifications.
GDM
RF RG
=
VCM
VP VDD 2
+
 2
=
VOUT
VDD 2

VP VM
–
 V
OST 1
GDM
+

++
=
Where:
GDM = Differential-mode Gain
(V/V)
VCM = Op Amp’s Common-mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
VOST
VIN– VIN+
–
=
VDD
MCP6L7X
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
100 k
100 k
RG
RF
VDD/2
VP
100 k
100 k
60 pF
10 k
1µF
100 nF
VIN-
VIN+
CF
6.8 pF
CF
6.8 pF
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com