Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9600T Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP9600T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600T Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP9600T Datasheet HTML 45Page - Microchip Technology MCP9600T Datasheet HTML 46Page - Microchip Technology MCP9600T Datasheet HTML 47Page - Microchip Technology MCP9600T Datasheet HTML 48Page - Microchip Technology MCP9600T Datasheet HTML 49Page - Microchip Technology MCP9600T Datasheet HTML 50Page - Microchip Technology MCP9600T Datasheet HTML 51Page - Microchip Technology MCP9600T Datasheet HTML 52Page - Microchip Technology MCP9600T Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 49
MCP960X/L0X/RL0X
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10 C
0.08 C
Microchip Technology Drawing C04-186B Sheet 1 of 2
2X
20X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
20-Lead More Thin Plastic Quad Flat, No Lead Package (NU) - 5x5x1.0 mm Body
[MQFN] - (Also called VQFN)
D
E
D2
E2
K
20X b
e
L
(A3)
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com