Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6L91T-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6L91T-E/MS
Description  10 MHz, 850 μA Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L91T-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6L91T-E/MS Datasheet HTML 11Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 12Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 13Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 14Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 15Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 16Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 17Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 18Page - Microchip Technology MCP6L91T-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
 2009-2019 Microchip Technology Inc.
DS20002141C-page 15
MCP6L91/1R/2/4
5.0
DESIGN AIDS
Microchip provides the basic design aids needed for
the MCP6L91/1R/2/4 family of op amps.
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6L91/1R/2/4
op amps is available on the Microchip website at
www.microchip.com. The model was written and tested
in official Orcad (Cadence) owned PSPICE. For other
simulators, translation may be required.
The model covers a wide aspect of the op amp’s
electrical specifications. Not only does the model cover
voltage, current and resistance of the op amp, but it
also covers the temperature and noise effects on the
behavior of the op amp. The model has not been
verified outside of the specification range listed in the
op amp data sheet. The model behaviors under these
conditions cannot be ensured to match the actual
op amp performance.
Moreover, the model is intended to be an initial design
tool. Bench testing is a very important part of any
design and cannot be replaced with simulations. Also,
simulation results using this macro model need to be
validated by comparing them to the data sheet
specifications and characteristic curves.
5.2
FilterLab® Software
Microchip’s FilterLab® software is an innovative soft-
ware tool that simplifies analog active filter (using op
amps) design. Available at no cost from the Microchip
website at www.microchip.com/filterlab, the FilterLab
design tool provides full schematic diagrams of the filter
circuit with component values. It also outputs the filter
circuit in SPICE format, which can be used with the
macro model to simulate actual filter performance.
5.3
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps efficiently identify
Microchip devices that fit a particular design require-
ment. Available at no cost from the Microchip website
at www.microchip.com/maps, the MAPS is an overall
selection tool for Microchip’s product portfolio that
includes Analog, Memory, MCUs and DSCs. Using this
tool, a customer can define a filter to sort features for a
parametric search of devices and export side-by-side
technical comparison reports. Helpful links are also
provided for data sheets, purchase and sampling of
Microchip parts.
5.4
Analog Demonstration and
Evaluation Boards
Microchip offers a broad spectrum of Analog Demon-
stration and Evaluation Boards that are designed to
help customers achieve faster time to market. For a
complete listing of these boards and their correspond-
ing user’s guides and technical information, visit the
Microchip website at www.microchip.com/analogtools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 5/6-Pin SOT-23 Evaluation Board, P/N VSUPEV2
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
• 14-Pin SOIC/TSSOP/DIP Evaluation Board,
P/N SOIC14EV
5.5
Application Notes
The following Microchip Application Notes are available
on the Microchip website at www.microchip.com/
appnotes and are recommended as supplemental
reference resources.
• ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
• AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
• AN723: “Operational Amplifier AC Specifications
and Applications”, DS00723
• AN884: “Driving Capacitive Loads With Op Amps”,
DS00884
• AN990: “Analog Sensor Conditioning Circuits –
An Overview”, DS00990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com