Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1502T20/Y Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1502T20/Y
Description  High-Precision Buffered Voltage Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1502T20/Y Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1502T20/Y Datasheet HTML 7Page - Microchip Technology MCP1502T20/Y Datasheet HTML 8Page - Microchip Technology MCP1502T20/Y Datasheet HTML 9Page - Microchip Technology MCP1502T20/Y Datasheet HTML 10Page - Microchip Technology MCP1502T20/Y Datasheet HTML 11Page - Microchip Technology MCP1502T20/Y Datasheet HTML 12Page - Microchip Technology MCP1502T20/Y Datasheet HTML 13Page - Microchip Technology MCP1502T20/Y Datasheet HTML 14Page - Microchip Technology MCP1502T20/Y Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2021 Microchip Technology Inc. and its subsidiaries
DS20006593A-page 11
MCP1502
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-13:
MCP1502 Tempco
Distribution, No Load, VDD = 5.5V.
FIGURE 3-14:
VOUT Drift vs. Time,
TA = +25°C, No Load, 800 Units.
FIGURE 3-15:
MCP1502-10 VREF and
Load Regulation vs. Load Current.
FIGURE 3-16:
MCP1502-20 VREF and
Load Regulation vs. Load Current.
FIGURE 3-17:
MCP1502-40 VREF and
Load Regulation vs. Load Current.
FIGURE 3-18:
MCP1502 Output Voltage
Histogram, VDD =2.7V.
125 Units
VDD =5.5V
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
048
1008
Time (Hrs)
Average
-20
-15
-10
-5
0
5
10
15
20
1.023960
1.023970
1.023980
1.023990
1.024000
1.024010
1.024020
1.024030
1.024040
-30
-20
-10
0
102030
Load Current (mA)
V
REF
Load Regulation
-20
-15
-10
-5
0
5
10
15
20
2.047960
2.047970
2.047980
2.047990
2.048000
2.048010
2.048020
2.048030
2.048040
-30
-20
-10
0
10
20
30
Load Current (mA)
V
REF
Load Regulation
-20.0
-15.0
-10.0
-5.0
000.0
5.0
10.0
15.0
20.0
4.095780
4.095810
4.095840
4.095870
4.095900
4.095930
4.095960
4.095990
4.096020
4.096050
-30
-20
-10
0
10
20
30
Load Current (mA)
V
REF
Load Regulation
45 Units
VDD =2.7V
MCP1502-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com