Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9601T Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP9601T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601T Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP9601T Datasheet HTML 40Page - Microchip Technology MCP9601T Datasheet HTML 41Page - Microchip Technology MCP9601T Datasheet HTML 42Page - Microchip Technology MCP9601T Datasheet HTML 43Page - Microchip Technology MCP9601T Datasheet HTML 44Page - Microchip Technology MCP9601T Datasheet HTML 45Page - Microchip Technology MCP9601T Datasheet HTML 46Page - Microchip Technology MCP9601T Datasheet HTML 47Page - Microchip Technology MCP9601T Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 44
MCP960X/L0X/RL0X
6.3
Device Features
6.3.1
I2C ADDRESSING
The MCP960X/L0X/RL0X supports up to eight devices
on the I2C bus. Applications, such as large thermal
management racks with several thermocouple sensor
interfaces, are able to monitor various temperature
zones with minimal pin count microcontrollers. This
reduces the total solution cost, while providing a highly
accurate thermal management solution using the
MCP960X/L0X/RL0X.
FIGURE 6-4:
I2C Address Selection
Implementation.
6.3.2
INPUT IMPEDANCE
The MCP960X/L0X/RL0X uses a switched capacitor
amplifier input stage to gain the input signal to a
maximum resolution of 2 µV/LSb at an 18-bit ADC
setting. An internal input capacitor is used for charge
storage. The differential input impedance, ZIN_DF, is
dominated by the sampling capacitor and the switched
capacitor amplifier sampling frequency. During a
sampling period, the charging and discharging of the
sampling capacitor creates dynamic input currents at the
input pins. Adding a 10-100 nF capacitor between the
inputs can improve stability.
Since the sampling capacitor is only switching to the
input pins during a conversion process, the input
impedance is only valid during conversion periods.
During Low-Power or Shutdown mode, the input
amplifier stage is disabled; therefore, the input
impedance is ZIN_CM, which is due to the leakage
current from ESD protection diodes, as shown in
Figure 6-5.
FIGURE 6-5:
Thermocouple Input Stage.
MCP960X/L0X/RL0X
PIC®
I2C
Alert
4
GND
Types K, J, T, N,
E, B, S, R
VDD
Alert
4
GND
VDD
MCP960X/L0X/RL0X
R7A R7B
R2A R2B
TABLE 6-2:
RECOMMENDED
RESISTOR VALUES FOR
I2C ADDRESSING
Device #
Command
Byte
Values
RXA (k)RXB (k)
1
1100 000x
ADDR Pin Tied to GND
2
1100 001x
R2A = 10
R2B = 2.2
3
1100 010x
R3A = 10
R3B = 4.3
4
1100 011x
R4A = 10
R4B = 7.5
5
1100 100x
R5A = 10
R5B = 13
6
1100 101x
R6A = 10
R6B = 22
7
1100 110x
R7A = 10
R7B = 43
8
1100 111x
ADDR Pin Tied to VDD
Note:
Standard 5% tolerance resistors are used in
the table; however, 1% tolerance resistors
provide better ratio matching.
ADDR
ADDR
VIN+
VIN-
VIN+
VIN-
Microcontroller
Unit 2/8
Unit 7/8
Types K, J, T, N,
E, B, S, R
Up to Eight Devices
on the I2C Bus
RSS
VIN+,VIN-
Sampling
Switch
SS
RS
CSAMPLE
(3.2 pF)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com