Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP96L01T Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP96L01T
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01T Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP96L01T Datasheet HTML 23Page - Microchip Technology MCP96L01T Datasheet HTML 24Page - Microchip Technology MCP96L01T Datasheet HTML 25Page - Microchip Technology MCP96L01T Datasheet HTML 26Page - Microchip Technology MCP96L01T Datasheet HTML 27Page - Microchip Technology MCP96L01T Datasheet HTML 28Page - Microchip Technology MCP96L01T Datasheet HTML 29Page - Microchip Technology MCP96L01T Datasheet HTML 30Page - Microchip Technology MCP96L01T Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 27
MCP960X/L0X/RL0X
The MCP960X/L0X/RL0X device has several registers
that are user-accessible. These registers include the
Thermocouple Temperature (cold-junction compen-
sated), Hot-Junction Temperature, Cold-Junction Tem-
perature, Raw ADC Data, user-programmable Alert
Limit registers, and STATUS and Configuration regis-
ters.
The Temperature and the Raw ADC Data registers are
read-only registers, used to access the thermocouple
and the ambient temperature data. In addition, the four
Alert Temperature registers are individually controlled,
and can be used to detect a rising and/or a falling
temperature change. If the ambient temperature drifts
beyond
the
user-specified
limits,
the
MCP960X/L0X/RL0X device outputs an alert flag at the
corresponding pin (refer to Section 5.3.3 “Alert Con-
figuration Registers”). The alert limits can also be
used to detect critical temperature events.
The MCP960X/L0X/RL0X also provides STATUS and
Configuration registers, which allow users to detect
device statuses. The Configuration registers provide
various features, such as adjustable temperature
measurement resolution and Shutdown modes. The
thermocouple types can also be selected using the
Configuration registers.
The registers are accessed by sending a Register
Pointer to the MCP960X/L0X/RL0X using the serial
interface. This
is an
8-bit
write-only
pointer.
Register 5-1 describes the pointer definitions.
REGISTER 5-1:
REGISTER POINTER
U-0
U-0
W-0
W-0
W-0
W-0
W-0
W-0
——
P[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
P[5:0]: Pointer bits
0000 0000 = Thermocouple Hot-Junction register, TH
0000 0001 = Junctions Temperature Delta register, TΔ
0000 0010 = Cold-Junction Temperature register, TC
0000 0011 = Raw ADC Data register
0000 0100 = STATUS register
0000 0101 = Thermocouple Sensor Configuration register
0000 0110 = Device Configuration register
0000 1000 = Alert 1 Configuration register
0000 1001 = Alert 2 Configuration register
0000 1010 = Alert 3 Configuration register
0000 1011 = Alert 4 Configuration register
0000 1100 = Alert 1 Hysteresis register, THYST1
0000 1101 = Alert 2 Hysteresis register, THYST2
0000 1110 = Alert 3 Hysteresis register, THYST3
0000 1111 = Alert 4 Hysteresis register, THYST4
0001 0000 = Temperature Alert 1 Limit register, TALERT1
0001 0001 = Temperature Alert 2 Limit register, TALERT2
0001 0010 = Temperature Alert 3 Limit register, TALERT3
0001 0011 = Temperature Alert 4 Limit register, TALERT4
0010 0000 = Device ID/Revision register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com