Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC256T-I/MS Datasheet(PDF) 38 Page - Microchip Technology

Part # 24LC256T-I/MS
Description  256K I2C Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256T-I/MS Datasheet(HTML) 38 Page - Microchip Technology

Back Button 24LC256T-I/MS Datasheet HTML 34Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 35Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 36Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 37Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 38Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 39Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 40Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 41Page - Microchip Technology 24LC256T-I/MS Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
24AA256/24LC256/24FC256
DS20001203W-page 38
 1998-2019 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision W (08/2019)
Updated content throughout for clarification.
Revision V (08/2018)
Updated First Line Marking Codes table.
Revision U (11/2013)
Updated ICCS.
Revision T (04/2013)
Added TDFN Package.
Revision S (12/2012)
Revise Automotive E-temp.
Revision R (07/2011)
Added Chip Scale package.
Revision Q (05/10)
Revised Table 1-1, Table 1-2, Section 6.1; Updated
Package Drawings.
Revision P
Revised Features; Changed 1.8V voltage to 1.7V;
Replaced Package Drawings; Revised markings (8-lead
SOIC); Revised Product ID System.
Revision N
Revised Sections 2.1 and 2.4. Removed 14-Lead
TSSOP Package.
Revision M
Added 1.8V 400 kHz option for 24FC256.
Revision L
Corrections to Section 1.0, Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com