Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP96L00TE/MX Datasheet(PDF) 52 Page - Microchip Technology

Part # MCP96L00TE/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L00TE/MX Datasheet(HTML) 52 Page - Microchip Technology

Back Button MCP96L00TE/MX Datasheet HTML 48Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 49Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 50Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 51Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 52Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 53Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 54Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 55Page - Microchip Technology MCP96L00TE/MX Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 52
MCP960X/L0X/RL0X
APPENDIX A: REVISION HISTORY
Revision G (April 2021)
The following is the list of modifications:
1.
Updated the
“MCP960X/L0X/RL0X Block
Diagram”
2.
Updated bit 3 description of Register 5-11.
3.
Minor typographical edits.
4.
Changed VSENSE thresholds from the electrical
specifications table (See Errata).
5.
Added TPOR specification.
6.
Updated Figure 1-1.
7.
Updated Figure 6-6, 7, 9, 10, 11, 12.
Revision F (August 2019)
The following is the list of modifications:
1.
Added the MCP9601/L01/RL01 device family
and related information throughout the
document.
Revision E (January 2019)
The following is the list of modifications:
1.
Added the MCP96RL00/RL01 device and
related information throughout the document.
Revision D (August 2018)
The following is the list of modifications:
1.
Added the MCP96L00 device and related
information throughout the document.
Revision C (September 2017)
The following is the list of modifications:
1.
Updated Figure 4-3, Equation 5-1,
Equation 5-2 and Equation 5-3.
2.
Updated Section 6.3.3.1 “Open-Circuit
Detection Technique”.
3.
Various typographical edits.
Revision B (June 2016)
The following is the list of modifications:
1.
Corrected the pin description error for pins 19
and 20 on page 1.
2.
Added the MCP9600 Evaluation Board picture
on page 2.
3.
Added
Section 6.3.3.1
“Open-Circuit
Detection
Technique”
and
updated
Section 6.3.4 “Aliasing and Anti-Aliasing
Filter” and Section 6.3.5 “ESD Protection
Using Ferrite Beads”.
4.
Updated the Product Identification System
section.
Revision A (August 2015)
• Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com