Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9601TE/MX Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP9601TE/MX
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9601TE/MX Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP9601TE/MX Datasheet HTML 11Page - Microchip Technology MCP9601TE/MX Datasheet HTML 12Page - Microchip Technology MCP9601TE/MX Datasheet HTML 13Page - Microchip Technology MCP9601TE/MX Datasheet HTML 14Page - Microchip Technology MCP9601TE/MX Datasheet HTML 15Page - Microchip Technology MCP9601TE/MX Datasheet HTML 16Page - Microchip Technology MCP9601TE/MX Datasheet HTML 17Page - Microchip Technology MCP9601TE/MX Datasheet HTML 18Page - Microchip Technology MCP9601TE/MX Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 15
MCP960X/L0X/RL0X
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, GND = Ground, SDA/SCL pulled-up to VDD and
TA = -40°C to +125°C.
FIGURE 2-25:
I2C Inactive, IDD Across VDD.
FIGURE 2-26:
I2C Active, IDD Across VDD.
FIGURE 2-27:
Shutdown Current, ISHDN
Across VDD.
FIGURE 2-28:
SDA, SCL and ADDR Input
Pins Leakage Current, ILEAK Across VDD.
FIGURE 2-29:
I2C Interface Clock Stretch
Duration, tSTRETCH Across VDD.
FIGURE 2-30:
Temperature Calculation
Duration, tCALC Change Across VDD.
100
200
300
400
500
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
-40C
35C
85C
125C
T
A = -40°C
T
A = +35°C
T
A = + 85°C
T
A = +125°C
500
1000
1500
2000
2500
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
-40C
35C
85C
125C
T
A = -40°C
T
A = +35°C
T
A = + 85°C
T
A = +125°C
0.0
1.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
-40C
35C
85C
125C
ADDR/SDA/SCL pins
T
A = -40°C
T
A = +35°C
T
A = +85°C
T
A = +125°C
0.0
20.0
40.0
60.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
-40C
35C
85C
125C
T
A = -40°C
T
A = +125°C
T
A = +85°C
T
A = +35°C
-2.0%
-1.0%
0.0%
1.0%
2.0%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
DD (V)
-40C
35C
85C
125C
Conditions:
t
CALC = 12 ms (typical)
V
DD
= 3.3V
T
A
= Room Temperature
T
A = -40°C
T
A = +35°C
T
A = + 85°C
T
A = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com