Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V19-G-2M-PVC-TP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # V19-G-2M-PVC-TP
Description  Cable socket, shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

V19-G-2M-PVC-TP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  V19-G-2M-PVC-TP Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Cable socket, shielded
V19-G-2M-PVC-TP
Dimensions
Electrical connection
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
L
45
Model Number
V19-G-2M-PVC-TP
Female cordset, M12, 8-pin, shielded,
PVC cable
Features
• Knurled nut suitable for tool assembly
• Immunity to vibration, with mechani-
cal latching
• Shielded twisted pair
• Shield attached to coupling nut
Accessories
MH V1-SCREWDRIVER
torque screwdriver (0.6 Nm)
MH V1-BIT M12
plug-in cap M12
MH V1-Holder
V1/V3-LABELHOLDER
Label holder
V1/V3-LABEL
Label plate
V1-MARKING-RING-BLUE
V1-MARKING-RING-GREEN
V1-MARKING-RING-ORANGE
V1-MARKING-RING-RED
V1-MARKING-RING-WHITE
V1-MARKING-RING-YELLOW
Technical data
General specifications
Number of pins
8 + shield
Connection 1
socket
Construction type 1
straight
Threading 1
M12
Connection 2
cable end
Electrical specifications
Operating voltage
UB
max. 30 V DC
Operating current
IB
max. 2 A
Volume resistance
< 5 mΩ
Characteristic impedance
100 Ω ± 15 Ω (> 1 MHz)
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Contact elements
spring-loaded contact socket
Pin diameter
0,8 mm
Degree of protection
IP67
Material
Contacts
CuZn / Au
Contact surface
Au
Body
TPU, black
Cable
PVC
Slotted nut
Diecast zinc
Core insulation
PVC
Cable
fine-strand, flexible
Sheath diameter
Ø 6.2 mm
Bending radius
> 15 x cable diameter, moving
> 6 x cable diameter, fixed
Color
grey
Cores
4 x 2 x 0.14 mm2
Shield
grid
Length
L
2 m
1
7
4
2
6
3
5
8
WH
BN
GN
YE
GY
PK
BU
RD
1
2
3
4
5
6
7
8
Shield


Similar Part No. - V19-G-2M-PVC-TP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V19-G-2M-PVC-TP-V19-G PF-V19-G-2M-PVC-TP-V19-G Datasheet
289Kb / 1P
Connection cable
2018-03-26
More results

Similar Description - V19-G-2M-PVC-TP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
V17-G-5M-PUR PF-V17-G-5M-PUR Datasheet
846Kb / 2P
Cable socket, shielded
V1-G-2M-PVC-ABG PF-V1-G-2M-PVC-ABG Datasheet
891Kb / 2P
Cable socket, shielded
2021-02-17
V1-W-A2-50M-PUR-ABG0 PF-V1-W-A2-50M-PUR-ABG0 Datasheet
937Kb / 2P
Cable socket, shielded
2021-02-27
V1-W-A2-10M-PUR-ABG0 PF-V1-W-A2-10M-PUR-ABG0 Datasheet
937Kb / 2P
Cable socket, shielded
2021-02-27
V1-W-A2-22M-PUR-ABG0 PF-V1-W-A2-22M-PUR-ABG0 Datasheet
937Kb / 2P
Cable socket, shielded
2021-02-27
V1-GV4A-25M-PUR-ABG0 PF-V1-GV4A-25M-PUR-ABG0 Datasheet
856Kb / 2P
Cable socket, shielded
2021-02-27
V1-GV4A-25M-PVC-ABG PF-V1-GV4A-25M-PVC-ABG Datasheet
1Mb / 3P
Cable socket, shielded
2021-10-20
V1-G-6M-PUR-ABG PF-V1-G-6M-PUR-ABG Datasheet
892Kb / 2P
Cable socket, shielded
2020-09-23
V1-W-15M-PUR-ABG PF-V1-W-15M-PUR-ABG Datasheet
1Mb / 3P
Cable socket, shielded
2021-10-05
V1-W-20M-PUR-ABG PF-V1-W-20M-PUR-ABG Datasheet
1Mb / 3P
Cable socket, shielded
2021-10-05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com