Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2128 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2128 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2128 Datasheet HTML 1Page - Diodes Incorporated AP2128 Datasheet HTML 2Page - Diodes Incorporated AP2128 Datasheet HTML 3Page - Diodes Incorporated AP2128 Datasheet HTML 4Page - Diodes Incorporated AP2128 Datasheet HTML 5Page - Diodes Incorporated AP2128 Datasheet HTML 6Page - Diodes Incorporated AP2128 Datasheet HTML 7Page - Diodes Incorporated AP2128 Datasheet HTML 8Page - Diodes Incorporated AP2128 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
5
Sept. 2010 Rev. 2.0
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
6.5
V
Shutdown Input Voltage
VCE
-0.3 to VIN+0.3
V
Output Current
IOUT
450
mA
Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance
θJA
250
oC/W
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
200
V
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
2.5
6
V
Operating Ambient Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com