Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16501DL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVT16501DL
Description  2.5V/3.3V 18-bit universal bus transceiver 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501DL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16501DL Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 9Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 10Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 11Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 12Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 13Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 14Page - NXP Semiconductors 74ALVT16501DL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Product specification
74ALVT16501
2.5V/3.3V 18-bit universal bus transceiver (3-State)
1998 Feb 13
11
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V, VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V, VX = VOL + 0.150V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V, VY = VOH – 0.150V at VCC v 2.7V
tPHL
tPLH
VM
VOH
tW(L)
1/fMAX
CPBA or
CPAB
An or Bn
tW(H)
SW00181
VM
VM
VM
VOL
3.0V or VCC,
whichever is
less
0V
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VOL
tPLH
VOH
0V
An or Bn
An or Bn
VM
VM
tPHL
VM
VM
SW00176
3.0V or VCC,
whichever is
less
Waveform 2. Propagation Delay, Transparent Mode
tPLH
tPHL
tW(H)
VM
VM
VM
VM
VM
LEAB or
LEBA
An or Bn
0V
VOH
VOL
SW00177
3.0V or VCC,
whichever is
less
Waveform 3. Propagation Delay, Enable to Output, and Enable
Pulse Width
VM
VM
VM
VM
VM
VM
0V
An
or
Bn
CPAB or CPBA
tS(H)
th(H)
tS(L)
th(L)
0V
SW00182
3.0V or VCC,
whichever is
less
3.0V or VCC,
whichever is
less
LEAB or LEBA
Waveform 4. Data Setup and Hold Times
OEBA
An or Bn
tPZH
tPHZ
VOH
VY
VM
VM
VM
SW00179
3.0V or VCC,
whichever is
less
OEAB
0V
0V
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
OEBA
tPZL
tPLZ
An or Bn
VX
VM
VM
VM
SW00180
3.0V or VCC,
whichever is
less
3.0V or VCC
0V
VOL
OEAB
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com