Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-5630A10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5630A10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5630A10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5630A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5630A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 12
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
2.9
3.2
3.4
V
Luminous Intensity
Iv
11000
--
-
mcd
Luminous Flux
ΦV
22
--
-
lm
x
-
0.33
-
Chromaticity Coordinates
y
-
0.33
-
-
Color Temperature
CCT
4745
-
7040
K
Viewing Angle
2
θ
1/2
-
120
-
deg
Color Rendering Index
CRI
IF =60mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
Forw ard current (m A)
0
30
1.0
0.5
60
90
120
vs. forward current
Fig.5 R elative lum inous intensity
2.0
1.5
150
-25
0
0.5
1.0
1.5
2.0
2.5
100
50
25
0
75
Am bient tem perature Ta( C)
3.0
am bient tem perature
Fig.4 R elative lum inous intensity vs.
0.7
0.8
80
0.4
0.5
0.3
0.2
0.1
0.6
90
70
60
0.9
1.0
50
40
30
Fig.6 Radiation diagram
10
020
Fig.1 RELATIVE INTENSITY VS. W AVELENGTH
0.0
380
0.2
0.6
W AVELENG TH
(nm )
430
480
530
580
630
680
730
800
0.1
0.5
0.8
[IF=60m A Ta=25
]
⊥
0.3
0.4
0.7
0.9
1.0
Fig.3 Forward current vs. forward voltage
Forward voltage(V)
20
1
0
3
40
60
80
100
7
59
0
Am bient tem perature Ta( C )
40
20
60
100
80
Fig.2 Forward current derating curve
60
40
80
100
120
vs. am bient tem perature
2
4
6
8
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com