Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMBDM3590 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMBDM3590
Description  SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMBDM3590 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMBDM3590 Datasheet HTML 1Page - Central Semiconductor Corp CMBDM3590 Datasheet HTML 2Page - Central Semiconductor Corp CMBDM3590 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CMBDM3590
CMBDM7590
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
160
140
mA
Continuous Drain Current (tp < 5s)
ID
200
180
mA
Power Dissipation
PD
125
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
1000
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
CMBDM3590
CMBDM7590
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
UNITS
IGSSF, IGSSR VGS=5.0V, VDS=0V
-
-
100
-
-
100
nA
IDSS
VDS=5.0V, VGS=0V
-
-
50
-
-
50
nA
IDSS
VDS=16V, VGS=0V
-
-
100
-
-
100
nA
BVDSS
VGS=0V, ID=250μA
20
-
-
20
-
-
V
VGS(th)
VDS=VGS, ID=250μA
0.4
-
1.0
0.4
-
1.0
V
rDS(ON)
VGS=4.5V, ID=100mA
-
1.5
3.0
-
4.0
5.0
Ω
rDS(ON)
VGS=2.5V, ID=50mA
-
2.0
4.0
-
5.5
7.0
Ω
rDS(ON)
VGS=1.8V, ID=20mA
-
3.0
6.0
-
8.0
10
Ω
rDS(ON)
VGS=1.5V, ID=10mA
-
4.0
10
-
11
17
Ω
rDS(ON)
VGS=1.2V, ID=1.0mA
-
7.0
-
-
20
-
Ω
gFS
VDS=5.0V, ID=125mA
-
1.3
-
-
1.3
-
S
Crss
VDS=15V, VGS=0V, f=1.0MHz
-
2.2
-
-
1.0
-
pF
Ciss
VDS=15V, VGS=0V, f=1.0MHz
-
9.0
-
-
12
-
pF
Coss
VDS=15V, VGS=0V, f=1.0MHz
-
3.0
-
-
2.7
-
pF
ton
VDD=10V, VGS=4.5V, ID=200mA
-
40
-
-
60
-
ns
toff
VDD=10V, VGS=4.5V, ID=200mA
-
150
-
-
210
-
ns
CMBDM3590 N-CH
CMBDM7590 P-CH
SURFACE MOUNT
N-CHANNEL AND P-CHANNEL
ENHANCEMENT-MODE
COMPLEMENTARY MOSFETS
SOT-923 CASE
Central
Semiconductor Corp.
TM
R0 (9-March 2009)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMBDM3590 and
CMBDM7590 are complementary N-Channel and
P-Channel Enhancement-mode silicon MOSFETs
designed for high speed pulsed amplifier and driver
applications. These MOSFETs offer Low rDS(ON) and
Low Threshold Voltage.
APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery Powered Portable Devices
FEATURES:
• Power Dissipation: 125mW
• Low Package Profile: 0.4mm
• Low rDS(ON)
• Low Threshold Voltage
• Logic Level Compatibility
• Small SOT-923 Surface Mount Package
MARKING CODES: CMBDM3590: R
CMBDM7590: W
• Devices are Halogen Free by design


Similar Part No. - CMBDM3590

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD1201 CDIL-CMBD1201 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
logo
Rectron Semiconductor
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
logo
Continental Device Indi...
CMBD1202 CDIL-CMBD1202 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
logo
Rectron Semiconductor
CMBD1202 RECTRON-CMBD1202 Datasheet
331Kb / 4P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
logo
Continental Device Indi...
CMBD1203 CDIL-CMBD1203 Datasheet
131Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODES
More results

Similar Description - CMBDM3590

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLM0708A CENTRAL-CMLM0708A Datasheet
590Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_10 Datasheet
420Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CTLDM7181-M832D CENTRAL-CTLDM7181-M832D Datasheet
473Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_11 Datasheet
421Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM7585 CENTRAL-CMLDM7585_13 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575_12 Datasheet
436Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com