Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4296GV33 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4296GV33
Description  Low Drop Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296GV33 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4296GV33 Datasheet HTML 1Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 2Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Type
Ordering Code
Package
TLE 4296 GV30
Q67006-A9339
P-SCT595-5
TLE 4296 GV33
Q67006-A9340
P-SCT595-5
TLE 4296 GV50
Q67006-A9372
P-SCT595-5
Low Drop Voltage Regulator
TLE 4296
SCT 595
Data Sheet
1
Rev. 1.0, 2004-01-01
Features
•
Three versions: 3.0 V, 3.3 V, 5.0 V
•
Output voltage tolerance
≤ ±4%
•
Very low drop voltage
•
Output current: 30 mA
•
Inhibit input
•
Low quiescent current consumption
•
Wide operation range: up to 45 V
•
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
•
Output protected against short circuit
•
Overtemperature protection
•
Reverse polarity proof
•
Very small SMD-Package P-SCT595-5
Functional Description
The TLE 4296 G is a monolithic integrated low drop voltage regulator in the very small
SMD package P-SCT595-5. It is designed to supply e.g. microprocessor systems under
the severe conditions of automotive applications. Therefore the device is equipped with
additional protection functions against overload, short circuit and reverse polarity. At
overtemperature the regulator is automatically turned off by the integrated thermal
protection circuit.
Input voltages up to 40 V are regulated to
V
Q,nom = 3.0 V (V30 version) 3.3 V (V33
version) or 5.0 V (V50 version). The output is able to drive a load of more than 30 mA
while it regulates the output voltage within a 4% accuracy.
To save energy the device can be switched in stand-by mode via an inhibit input which
causes the current consumption to drop below 5
µA.


Similar Part No. - TLE4296GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296GV33 INFINEON-TLE4296GV33 Datasheet
226Kb / 12P
Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4296GV33 INFINEON-TLE4296GV33 Datasheet
491Kb / 13P
Low drop voltage regulator
Rev. 1.21 2023-05-10
More results

Similar Description - TLE4296GV33

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
LOW DROP VOLTAGE REGULATOR
Rev. 5
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com