Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4728G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4728G
Description  2-Phase Stepper-Motor Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4728G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4728G Datasheet HTML 9Page - Infineon Technologies AG TLE4728G Datasheet HTML 10Page - Infineon Technologies AG TLE4728G Datasheet HTML 11Page - Infineon Technologies AG TLE4728G Datasheet HTML 12Page - Infineon Technologies AG TLE4728G Datasheet HTML 13Page - Infineon Technologies AG TLE4728G Datasheet HTML 14Page - Infineon Technologies AG TLE4728G Datasheet HTML 15Page - Infineon Technologies AG TLE4728G Datasheet HTML 16Page - Infineon Technologies AG TLE4728G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLE 4728 G
Data Sheet
13
2004-03-01
Quiescent Current
I
S versus Supply Voltage
V
S; bridges not chopping; T
j = 25 °C
Oscillator Frequency
f
Osc versus
Junction Temperature
T
j
Quiesc. Current
I
S versus Junct. Temp. Tj;
bridges not chopping,
VS = 14 V
Output Current
I
QX versus Junction
Temperature
T
j
IED01827
5
0
V
mA
V
S
Ι
10
15
20
40
60
=
Ι
QX
0.70 A
20
10
30
50
S
0.45 A
0.07 A
-50
15
0
20
V
C OSC
S
150
100
50
C
T j
Osc
kHz
f
25
30
IED01829
= 14 V
= 2.2 nF
IED01828
-50
0
C
mA
T
S
Ι
0
50
20
40
60
=
Ι
QX
0.70 A
150
10
30
50
j
0.50 A
0.07 A
500
-50
0
0
300
100
400
200
R X
VS = 14 V
150
100
50
C
T j
700
800
600
QX
Ι
mA
X1 = H, X0 = H
Ι
IED01830
Ι
X1 = H, X0 = L
ΙΙ
= 1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com