Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6284G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6284G Datasheet HTML 1Page - Infineon Technologies AG TLE6284G Datasheet HTML 2Page - Infineon Technologies AG TLE6284G Datasheet HTML 3Page - Infineon Technologies AG TLE6284G Datasheet HTML 4Page - Infineon Technologies AG TLE6284G Datasheet HTML 5Page - Infineon Technologies AG TLE6284G Datasheet HTML 6Page - Infineon Technologies AG TLE6284G Datasheet HTML 7Page - Infineon Technologies AG TLE6284G Datasheet HTML 8Page - Infineon Technologies AG TLE6284G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet TLE6284G
4
2006-01-30
Maximum Ratings at Tj=-40…+150°C unless specified otherwise
Limits Values
Parameter
Symbol
Min.
Max.
Unit
Supply voltage
1
VS
-4
60
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40
-55
150
150
°C
Max. voltage range at PWM, DIR, DT/DIS
-1
6V
Max. voltage range at ERx
-0.3
6V
Max. voltage range at INH
VINH
-0.6
60
V
Max. voltage range at BHx
VBHx
-0.3
90
V
Max. voltage range at DHx
2
VDHx
-4
75
V
Max. voltage range at GHx
3
VGHx
-6.8
86
V
Max. voltage range at SHx
3
VSHx
-6.8
75
V
Max. voltage range at GLx
VGLx
-2
12
V
Max. voltage range at DLx
VDLx
-2
75
V
Max. voltage difference BHx – SHx
VBHx-VSHx
-0.3
17
V
Max. voltage difference Gxx – Sxx
VGxx-VSxx
-0.3
11
V
Power dissipation (DC) @ TA=125°C / min.footprint
Ptot
0.33
W
Power dissipation (DC) @ TA=85°C / min.footprint
Ptot
0.85
W
Electrostatic discharge voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and
EOS/ESD assn. standard S5.1 – 1993
VESD4
2kV
Jedec Level
3
Thermal resistance junction - ambient (minimal foot-
print with thermal vias)
RthJA
75
K/W
Thermal resistance junction - ambient (6 cm
2)
RthJA
75
K/W
Supply voltage
VS
7.5
60
V
Operating temperature range
Tj
-40
150
°C
Max. voltage range at PWM, DIR, DT/DIS
-0.3
5.5
V
Max. voltage range at ERx
-0.3
5.5
V
Max. voltage range at INH
VINH
-0.6
60
V
Max. voltage range at BHx
VBHx
-0.3
90
V
Max. voltage range at DHx
2
VDHx
-4
75
V
1 With external resistor (≥10 Ω ) and capacitor
2 The min value -4V is reduced to –( V
BHx - VSHx) in case of bootstrap voltages VBHx-VSHx <4V
3 The min value -7V is reduced to –(V
BHx - VSHx - 1V) in case of bootstrap voltages VBHx-VSHx <8V
4 All test involving Gxx pins V
ESD=1 kV!
Functional range
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40…+150°C, unless otherwise specified
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com