Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6368 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG TLE6368 Datasheet HTML 45Page - Infineon Technologies AG TLE6368 Datasheet HTML 46Page - Infineon Technologies AG TLE6368 Datasheet HTML 47Page - Infineon Technologies AG TLE6368 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
TLE 6368 G1 / SONIC
Data Sheet, Rev. 1.32
44
2004-10-15
4
Typical
performance
charcteristics
Buck converter switching frequency
vs. junction temperature
Buck converter output voltage at 1.5A load
vs. junction temperature
Buck converter DMOS on-resistance
vs. junction temperature
Buck converter current limit
vs. junction temperature
-50
-20
10
40
70
100
130
160
T
j
°C
f
SW
kHz
280
300
420
320
340
360
380
400
-50
-20
10
40
70
100
130
160
T
j
°C
V
FB/L_IN
V
5.3
5.4
6.0
5.5
5.6
5.7
5.8
5.9
-50
-20
10
40
70
100
130
160
T
j
°C
R
ON
m
Ω
50
100
400
150
200
250
300
350
-50
-20
10
40
70
100
130
160
T
j
°C
I
MAX
A
0.5
1.0
4.0
1.5
2.0
2.5
3.0
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com