Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7270 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7270
Description  5-V Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7270 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7270 Datasheet HTML 3Page - Infineon Technologies AG TLE7270 Datasheet HTML 4Page - Infineon Technologies AG TLE7270 Datasheet HTML 5Page - Infineon Technologies AG TLE7270 Datasheet HTML 6Page - Infineon Technologies AG TLE7270 Datasheet HTML 7Page - Infineon Technologies AG TLE7270 Datasheet HTML 8Page - Infineon Technologies AG TLE7270 Datasheet HTML 9Page - Infineon Technologies AG TLE7270 Datasheet HTML 10Page - Infineon Technologies AG TLE7270 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLE 7270
Data Sheet
7
Rev. 1.03, 2004-10-14
Application Information
TLE7270
Overtemperature
Shutdown
1
Bandgap
Reference
Charge
Pump
3
GND
AEA03519.VSD
1
I
100
nF
V
Bat
Reset
Generator
with
Selectable
Timing
5
2
Q
RO
470
nF
22
k
4.7
µF
V
CC
Reset
4
DT
Figure 3
Application Diagram
Input, Output
An input capacitor is necessary for damping line influences. A resistor of approx. 1
Ω in
series with
C
I, can damp the LC of the input inductivity and the input capacitor.
The TLE 7270 requires a ceramic output capacitor of at least 470 nF to assure stability
of the regulation loop. In order to damp influences resulting from load current surges it is
recommended to add an additional electrolytic capacitor of 4.7
µF to 47 µF at the output
as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com