Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7272 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7272
Description  5-V Low Drop Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7272 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7272 Datasheet HTML 1Page - Infineon Technologies AG TLE7272 Datasheet HTML 2Page - Infineon Technologies AG TLE7272 Datasheet HTML 3Page - Infineon Technologies AG TLE7272 Datasheet HTML 4Page - Infineon Technologies AG TLE7272 Datasheet HTML 5Page - Infineon Technologies AG TLE7272 Datasheet HTML 6Page - Infineon Technologies AG TLE7272 Datasheet HTML 7Page - Infineon Technologies AG TLE7272 Datasheet HTML 8Page - Infineon Technologies AG TLE7272 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AEP02825_7272
RO
INH Q
I
GND
GND
RO
Ι
IEP02528
INH
Q
TLE 7272
Data Sheet
3
Rev. 1.0a, 2005-02-08
Figure 2
Pin Configuration P-TO252-5 (D-PAK), P-TO263-5 (D
2-PAK)(top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1
I
Input; block to ground directly at the IC with a ceramic capacitor.
2
RO
Reset Output; Open Collector Output with integrated pull-up
resistor of typically 30k
Ω. Optional external pull-up resistor of
≥ 10 kΩ to pin Q.
3
GND
Ground; Pin 3 internally connected to heatsink.
4
INH
Inhibit Input; low level disables the IC. Integrated pull-down
resistor.
5
Q
Output; block to ground with a ceramic capacitor,
C
≥ 470 nF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com