Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSTK94 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATSTK94
Description  Starter Kit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSTK94 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATSTK94 Datasheet HTML 16Page - ATMEL Corporation ATSTK94 Datasheet HTML 17Page - ATMEL Corporation ATSTK94 Datasheet HTML 18Page - ATMEL Corporation ATSTK94 Datasheet HTML 19Page - ATMEL Corporation ATSTK94 Datasheet HTML 20Page - ATMEL Corporation ATSTK94 Datasheet HTML 21Page - ATMEL Corporation ATSTK94 Datasheet HTML 22Page - ATMEL Corporation ATSTK94 Datasheet HTML 23Page - ATMEL Corporation ATSTK94 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
ATSTK94
2309B–FPSLI–01/02
135
INTP0
External Interrupt 0
JP9 A
136
No Connect
137
No Connect
138
XTAL1
AVR System
Clock Input
JP17, Y1
139
XTAL2
AVR System Clock Pair
JP18, Y1
140
RX0
UART 0 Receive
UART 0 pin3
141
TX0
UART 0 Transmit
UART 0 pin 2
142
GND
GND
143
No Connect
144
No Connect
145
INTP1
External Interrupt 1
JP10 A
146
INTP2
External Interrupt 2
JP11 A
147
TOSC1
Oscillator Input
Y2
148
TOSC2
Oscillator Pair
Y2
149
RX1
UART 1 Receive
UART 1 pin 2
150
TX1
UART 1 Transmit
UART 1 pin 3
151
D0
Configuration
Data Input
AT17 Data
152
INTP3
External Interrupt 3
JP12 A
153
CCLK
Configuration Clock
AT17 Clock
154
V
CC
155
No Connect
156
No Connect
157
No Connect
158
No Connect
159
IO
160
GND
161
IO0
162
GCK7(IO)
GCK7 Manual Clock
MAN CLK (SW)
163
IO
164
IO
165
IO
166
IO
LED 8
JP8 F
167
IO
168
IO
Switch 8
JP16 F
169
IO
Table 8. Pinout and Board Connection
Pin
FPSLIC IO Type
Board Function
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com