Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BULD116D Datasheet(PDF) 1 Page - STMicroelectronics

Part # BULD116D
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BULD116D Datasheet(HTML) 1 Page - STMicroelectronics

  BULD116D Datasheet HTML 1Page - STMicroelectronics BULD116D Datasheet HTML 2Page - STMicroelectronics BULD116D Datasheet HTML 3Page - STMicroelectronics BULD116D Datasheet HTML 4Page - STMicroelectronics BULD116D Datasheet HTML 5Page - STMicroelectronics BULD116D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BULD116D
MEDIUM VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
INTEGRATED ANTIPARALLEL
COLLECTOR- EMITTER DIODE
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX "-1")
APPLICATIONS:
s
COMPACT FLUORESCENT LAMPS UP TO
23 W AT 110 V A.C. MAINS
s
FLYBACK AND FORWARD SINGLE
TRANSISTOR LOW POWER CONVERTERS
AT 110 V A.C. MAINS
DESCRIPTION
The device is manufactured using Multi Epitaxial
Planar technology for high switching speeds and
medium voltage capability.
It uses a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
The device is designed for use in lighting
applications and low cost switch-mode power
supplies.
INTERNAL SCHEMATIC DIAGRAM
September 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
400
V
VCEO
Collector-Emitter Voltage (IB = 0)
200
V
VEBO
Emitter-Base Voltage (IC = 0)
9
V
IC
Collector Current
5
A
ICM
Collector Peak Current (tp < 5 ms)
10
A
IB
Base Current
2
A
IBM
Base Peak Current (tp < 5 ms)
4
A
Ptot
Total Dissipation at Tc = 25
o C20
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
3
2
1
IPAK
TO-251
("Suffix "-1")
®
1/6


Similar Part No. - BULD116D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULD1101E STMICROELECTRONICS-BULD1101E Datasheet
268Kb / 11P
High voltage fast-switching NPN Power Transistor
07-May-2007
BULD1101E-1 STMICROELECTRONICS-BULD1101E-1 Datasheet
268Kb / 11P
High voltage fast-switching NPN Power Transistor
07-May-2007
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
229Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
BULD1101ET4 STMICROELECTRONICS-BULD1101ET4 Datasheet
268Kb / 11P
High voltage fast-switching NPN Power Transistor
07-May-2007
BULD118 STMICROELECTRONICS-BULD118 Datasheet
71Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-1998
More results

Similar Description - BULD116D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU810 STMICROELECTRONICS-BU810 Datasheet
63Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Jun-1997
BUL116 STMICROELECTRONICS-BUL116 Datasheet
218Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
STL71 STMICROELECTRONICS-STL71 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
STL72 STMICROELECTRONICS-STL72 Datasheet
141Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
12-Jul-2005
BULT116D STMICROELECTRONICS-BULT116D Datasheet
209Kb / 6P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Feb-2003
BUL85D STMICROELECTRONICS-BUL85D Datasheet
244Kb / 7P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jan-2002
BU810 STMICROELECTRONICS-BU810_00 Datasheet
51Kb / 4P
MEDIUM VOLTAGE NPN FAST-SWITCHING DARLINGTON TRANSISTOR
Dec-2000
BUL3N7 STMICROELECTRONICS-BUL3N7 Datasheet
199Kb / 10P
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
09-Dec-2005
logo
Unisonic Technologies
D4120P UTC-D4120P Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
D4120P UTC-D4120P_15 Datasheet
77Kb / 2P
MEDIUM VOLTAGE FAST-SWITCHING NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com