Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16899 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74ALVT16899
Description  2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16899 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74ALVT16899 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 16Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 17Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 18Page - NXP Semiconductors 74ALVT16899 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Philips Semiconductors
Product specification
74ALVT16899
2.5V/3.3V 18-bit latched transceiver with 16-bit parity
generator/checker (3-State)
1998 Jun 30
15
VM
APAR, An]
(BPAR, Bn)
INPUT
SEL
1
LEA
(LEB)
tPHL
VM
Bn, BPAR
(An, APAR)
INPUT
OUTPUT
tPLH
VM
VM
SA00301
Waveform 11. Propagation Delay, LEA to BPAR or LEB to APAR, LEA to Bn or LEB to An
VM
APAR, BPAR,
An, Bn
VM
VM
VM
VM
VM
LEA, LEB
ts(H)
th(H)
ts(L)
th(L)
tw(H)
VM
SA00302
The shaded areas indicate when the input is permitted to change for predictable output performance.
Waveform 12. Data Setup and Hold Times, Pulse Width High
OEA,
OEB
VM
tPZH
tPHZ
0V
VOH –0.3V
VM
VM
An, APAR,
Bn, BPAR
SA00303
Waveform 13. 3-State Output Enable Time to High Level and Output Disable Time from High Level
OEA,
OEB
tPZL
tPLZ
VOL +0.3V
An, APAR,
Bn, BPAR
VM
VM
VM
SA00304
Waveform 14. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com