Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16952DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16952DGG
Description  2.5V/3.3V ALVT 16-bit registered transceiver 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16952DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16952DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVT16952DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16952
2.5V/3.3V 16-bit registered transceiver (3-State)
1998 Mar 19
7
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
100
142
MHz
tPLH
tPHL
Propagation delay
nCPBA to nAx, nCPAB to nBx
1
1.0
1.0
2.3
2.3
3.5
3.4
ns
tPZH
tPZL
Output enable time
nOEBA to nAx, nOEAB to nBx
3
4
1.0
0.5
2.4
1.8
3.8
3.0
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx, nOEAB to nBx
3
4
1.0
1.0
2.9
2.3
4.5
3.6
ns
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
UNIT
MIN
TYP
tS(H)
ts(L)
Setup time
nAx to nCPAB or nBx to nCPBA
2
1.5
1.5
0.9
0.7
ns
th(H)
th(L)
Hold time
nAx to nCPAB or nBx to nCPBA
2
0.5
0.5
–0.6
–0.8
ns
ts(H)
ts(L)
Setup time
nCEAB to nCPAB, nCEBA to nCPBA
2
1.1
0.5
0.2
–0.6
ns
th(H)
th(L)
Hold time
nCEAB to nCPAB, nCEBA to nCPBA
2
1.5
1.0
0.6
–0.1
ns
tw(H)
tw(L)
nCPAB or nCPBA pulse width,
High or Low
1
3.2
3.2
2.7
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com