Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9799 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AM9799
Description  Single Phase Full-wave Low Voltage Fan Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9799 Datasheet(HTML) 1 Page - Diodes Incorporated

  AM9799 Datasheet HTML 1Page - Diodes Incorporated AM9799 Datasheet HTML 2Page - Diodes Incorporated AM9799 Datasheet HTML 3Page - Diodes Incorporated AM9799 Datasheet HTML 4Page - Diodes Incorporated AM9799 Datasheet HTML 5Page - Diodes Incorporated AM9799 Datasheet HTML 6Page - Diodes Incorporated AM9799 Datasheet HTML 7Page - Diodes Incorporated AM9799 Datasheet HTML 8Page - Diodes Incorporated AM9799 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Jun. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AM9799 is a single-phase DC brushless motor
driver IC featuring BiCMOS process. It is suitable for
fan motor drivers for low voltage equipment such as
the note personal computers. The AM9799 includes
lock shutdown, automatic restart, frequency generator
(FG), have been incorporated into one chip. When the
motor is under lock condition, lock shutdown
function turns off the output current. When the lock
condition is removed, the IC automatically restarts
and allows DC fan to run. In addition, the FG
function is to output rotation speed signal. It features
MOS-FET
driver
circuit
for
better
saturation
characteristics. Slew late of amplifiers and feedback
resistors are optimized to achieve low-noise motor
operation.
The AM9799 is available in MSOP-8 package.
Features
•
Lock Detection and Rotational Speed Sensing
Mechanisms are Built-in
•
Rotor-locked Protection and Automatic Restart
When the Motor Lock is Undone
•
Hall Bias Built-in and Hall Inputs Have a
Hysteresis
•
Built-in Thermal Shutdown Circuit
•
Built-in Over Current Protection
•
Built-in Short Protection
•
Operating Voltage: VCC=2V to 6V
•
BiCMOS Technology
•
Compact Package: MSOP-8
Applications
•
CPU
Cooler
Fan
in
Notebook
Personal
Computers
Figure 1. Package Type of AM9799
MSOP-8


Similar Part No. - AM9799

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799MM-G1 BCDSEMI-AM9799MM-G1 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799MMTR-G1 BCDSEMI-AM9799MMTR-G1 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799MMTR-G1 BCDSEMI-AM9799MMTR-G1 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
More results

Similar Description - AM9799

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799 BCDSEMI-AM9799_11 Datasheet
368Kb / 9P
Single Phase Full-wave Low Voltage Fan Motor Driver
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com