Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2181AFM-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2181AFM-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2181AFM-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2181AFM-7 Datasheet HTML 1Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 2Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 3Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 4Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 5Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 6Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 7Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 8Page - Diodes Incorporated AP2181AFM-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
1 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Description
The AP2181A and AP2191A are integrated high-side power switches
optimized for Universal Serial Bus (USB) and other hot-swap
applications. This family of devices complies with USB 2.0 and is
available with both polarities of Enable input. The AP2181A and
AP2191A offer current and thermal limiting and short circuit protection
as well as controlled rise time and undervoltage lockout functionality.
A 7ms deglitch capability on the open-drain Flag output prevents false
over-current reporting and does not require any external components.
All
devices
are
available in SO-8,
MSOP-8EP,
SOT25
and
U-DFN2018-6 packages.
Features
Single USB Port Power Switches
Over-Current and Thermal Protection
2.1A Accurate Current Limiting
Reverse Current Blocking
95m
Ω On-Resistance
Input Voltage Range: 2.7V to 5.5V
0.6ms Typical Rise Time
Very Low Shutdown Current: 1µA (Max)
Fault Report (FLG) with Blanking Time (7ms Typ)
ESD Protection: 4kV HBM, 300V MM
Active Low (AP2181A) or Active High (AP2191A) Enable
Ambient Temperature Range: -40°C to +85°C
SOT25, SO-8, MSOP-8EP (Exposed Pad), and U-DFN2018-6:
Available in
“Green” Molding Compound (No Br, Sb)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
UL Recognized, File Number E322375
IEC60950-1 CB Scheme Certified
Applications
Consumer Electronics
– LCD TV & Monitor, Game Machines
Communications
– Set-Top Box, GPS, Smartphone
Computing
– Laptop, Desktop, Servers, Printers, Docking
Station, HUB
Pin Assignments
(Top View)
SO-8
(Top View)
MSOP-8EP
(Top View)
SOT25
(Top View)
U-DFN2018-6
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
EN
OUT
GND
IN
FLG
1
2
3
5
4
FLG
EN
GND
OUT
OUT
IN
1
3
2
4
5
6
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN
1
2
3
4
8
7
6
5
NC
OUT
FLG
OUT
GND
EN
IN
IN


Similar Part No. - AP2181AFM-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2181 DIODES-AP2181 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2181 DIODES-AP2181 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181 DIODES-AP2181 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
408Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
More results

Similar Description - AP2181AFM-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
Monolithic Power System...
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
logo
Diodes Incorporated
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
Rev erse
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F_15 Datasheet
499Kb / 8P
1.5A 1-Channel Current Limited Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com