Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2191AFM-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2191AFM-7
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191AFM-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2191AFM-7 Datasheet HTML 2Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 3Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 4Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 5Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 6Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 7Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 8Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 9Page - Diodes Incorporated AP2191AFM-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AP2181A/AP2191A
Document number: DS37618 Rev. 2 - 2
6 of 17
www.diodes.com
May 2018
© Diodes Incorporated
AP2181A/AP2191A
Typical Performance Characteristics (Cont.)
Short Circuit Current,
Device Enabled Into Short
500µs/div
Inrush Current
1ms/div
0.6 Ω Load Connected to Enabled Device
2ms/div
Short Circuit with Blanking Time and Recovery
20ms/div
Power On
1ms/div
UVLO Increasing
1ms/div
IOUT
1A/div
VFLAG
2V/div
VIN = 5V
TA = +25°C
CL = 100µF
TA = +25°C
CL = 68µF
RL = 3.3Ω
IOUT
2A/div
VOUT
5V/div
VIN
5V/div
VFLAG
5V/div
VIN = 5V
TA = +25°C
CL = 100µF
VFLAG
5V/div
IOUT
500mA/div
VEN
5V/div
VIN
2V/div
IOUT
500mA/div
TA = +25°C
CL = 68µF
RL = 3.3Ω
IOUT
500mA/div
VEN
5V/div
VIN = 5V
TA = +25°C
CL = 100µF
IOUT
500mA/div
VEN
5V/div
VIN = 5V
TA = +25°C
RL = 3.3Ω
CL = 470µF
CL = 220µF
CL = 100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com