Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0130TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0130TR
Description  GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0130TR Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0130TR Datasheet HTML 1Page - Tyco Electronics MASWSS0130TR Datasheet HTML 2Page - Tyco Electronics MASWSS0130TR Datasheet HTML 3Page - Tyco Electronics MASWSS0130TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs Broadband DPDT Diversity Switch
0.5 - 3.0 GHz
MASWSS0130
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
RoHS
Compliant
Features
• Ideal for 802.11 b/g Applications
• Broadband Performance: 0.5 - 3.0 GHz
• Low Insertion Loss: 0.6 dB @ 2.4 GHz
• High Isolation: 25 dB @ 2.4 GHz
• Fast Switching Speed: 0.5 µm GaAs PHEMT
Process
• High P1dB: 34 dBm @ 3 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0130 is a broadband GaAs
PHEMT MMIC DPDT diversity switch in a low cost,
lead-free 3 mm 12-lead PQFN plastic package. The
MASWSS0130 is ideally suited for applications
where very small size and low cost are required.
Typical applications are for WLAN IEEE 802.11b/g
systems that employ two antennas for transmit and
receive diversity.
Designed for high power, this
DPDT switch is optimized for high linearity at 2.4
GHz.
The MASWSS0130 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
PIN No.
PIN Name
Description
1
GND
Ground
2
GND
Ground
3
VC1
Control 1
4
ANT1
Antenna Port 1
5
GND
Ground
6
ANT2
Antenna Port 2
7
VC2
Control 2
8
GND
Ground
9
GND
Ground
10
Rx
Receive Port
11
GND
Ground
12
Tx
Transmit Port
Pin Configuration
Ordering Information 1
Part Number
Package
MASWSS0130
Bulk Packaging
MASWSS0130TR
7 inch, 1000 piece reel
MASWSS0130TR-3000
13 inch, 3000 piece reel
MASWSS0130SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
GND
GND
GND
GND
GND
GND
GND
Vc2
Vc1
GND
Pin 1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MASWSS0130TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0130TR MA-COM-MASWSS0130TR Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0130TR MA-COM-MASWSS0130TR Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0130TR-3000 MA-COM-MASWSS0130TR-3000 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0130TR-3000 MA-COM-MASWSS0130TR-3000 Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
More results

Similar Description - MASWSS0130TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129 Datasheet
104Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
GaAs Broadband DPDT Diversity Switch
MASWSS0130 MA-COM-MASWSS0130_15 Datasheet
732Kb / 5P
GaAs Broadband DPDT Diversity Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com