Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECU-1152TL-R11A Datasheet(PDF) 5 Page - Advantech Co., Ltd.

Part # ECU-1152TL-R11A
Description  WISE-EdgeLink
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1152TL-R11A Datasheet(HTML) 5 Page - Advantech Co., Ltd.

  ECU-1152TL-R11A Datasheet HTML 1Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 2Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 3Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 4Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 5Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 6Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 7Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 8Page - Advantech Co., Ltd. ECU-1152TL-R11A Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Drawings and specifications herein are property of Advantech and shall not be reproduced, copied, or used without prior
written permission.
5
1.3
Features of EdgeLink
Configure a gateway with Windows utility
Support the collection and forwarding of multiple southbound and northbound communication protocols, such
as MQTT, AMQP, LwM2M, OPC UA, Modbus, IEC-104, DNP3.0, etc.
‘One-click’ downloads for data communication and network configurations
Unified device networking management
Real-time gateway status monitoring
1.4
Function List
Function List
Function Classification
Function Description
Project
Management
Project Setup
Setup a new project:
Create a project file via EdgeLink Studio.
Upload current projects of the gateway by using on-line devices.
Implementation
methods:
Single gateway
download
Batch gateway
download
On-line implementation
There are 3 ways to recognize the node:
Node ID (Gateway hardware DIP switch for identifying the gateway)
IP/domain name (Gateway network information which can be obtained by searching)
Azure connection string (Connection string provided by Microsoft Azure)
Off-line implementation:
Export the project to SD card, and manually import it to the device.
Gateway replication
Make a copy of gateway configuration in the project.
Show project tag count
Show the total number of tags in the project. (System tags are not included.)
Add and delete device
Devices connected to the gateway can be managed flexibly.
Excel import and export
(all tags)
Export tags to Excel for further editing and import tags into the project.
Data
Collection
Collect
data
from
southbound interface
Ports:
Ethernet
Seral port
CAN
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com