Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7685 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7685
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7685 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7685 Datasheet HTML 2Page - Sipex Corporation SP7685 Datasheet HTML 3Page - Sipex Corporation SP7685 Datasheet HTML 4Page - Sipex Corporation SP7685 Datasheet HTML 5Page - Sipex Corporation SP7685 Datasheet HTML 6Page - Sipex Corporation SP7685 Datasheet HTML 7Page - Sipex Corporation SP7685 Datasheet HTML 8Page - Sipex Corporation SP7685 Datasheet HTML 9Page - Sipex Corporation SP7685 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
SP7685 VFB vs RSET
0
50
100
150
200
250
300
350
400
450
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
RSET (KΩ)
Measured
Calculated
SP7685 Output Efficiency
0
10
20
30
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
1000mA,Vf=3.31V PWF1
700mA,Vf=3.18V PWF1
700mA,Vf=3.92V AOT
200mA,Torch
SP7685 Output Current
0
100
200
300
400
500
600
700
800
900
1000
1100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
1000mA,Vf=3.31V PWF1
700mA,Vf=3.24V PWF1
700mA,Vf=3.92V AOT
200mA,Torch Mode
SP7685 Torch Output Current
0
50
100
150
200
250
300
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
-40C
25C
85C
SP7685 700mA Flash output Current
400
450
500
550
600
650
700
750
800
850
900
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
-40C
25C
85C
APPLICATION INFORMATION
VIN =3.6V, Typical Application Circuit, TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com