Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH30L06P Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH30L06P
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06P Datasheet(HTML) 8 Page - STMicroelectronics

  STTH30L06P Datasheet HTML 1Page - STMicroelectronics STTH30L06P Datasheet HTML 2Page - STMicroelectronics STTH30L06P Datasheet HTML 3Page - STMicroelectronics STTH30L06P Datasheet HTML 4Page - STMicroelectronics STTH30L06P Datasheet HTML 5Page - STMicroelectronics STTH30L06P Datasheet HTML 6Page - STMicroelectronics STTH30L06P Datasheet HTML 7Page - STMicroelectronics STTH30L06P Datasheet HTML 8Page - STMicroelectronics STTH30L06P Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STTH30L06
8/9
Figure 18: TO-220AC Package Mechanical Data
A
C
D
E
M
L7
H2
Ø I
L5
L6
L9
L4
G
F1
F
L2
Table 7: Ordering Information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.8 m.N. (TO-220FPAC) / 0.55 m.N. (TO-220AC)
Maximum torque value: 1.0 m.N. (TO-220FPAC) / 0.70 m.N. (TO-220AC)
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH30L06D
STTH30L06D
TO-220AC
1.90 g
50
Tube
STTH30L06G
STTH30L06G
D2PAK
1.48 g
50
Tube
STTH30L06G-TR
STTH30L06G
D2PAK
1.48 g
1000
Tape & reel
STTH30L06W
STTH30L06W
DO-247
4.40 g
30
Tube
STTH30L06P
STTH30L06P
SOD-93
3.79 g
30
Tube
STTH30L06P
STTH30L06P
DOP3I
4.46 g
30
Tube
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue.
21-Oct-2004
2
DOP3I package added.
11-Jan-06
3
Table 3 on page 2:
. IF(RMS) corrected from 30A to 50A
. IF(AV) corrected from 50A to 30A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com