Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F00 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F00
Description  Quad 2-input NAND gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F00 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F00 Datasheet HTML 1Page - NXP Semiconductors 74F00 Datasheet HTML 2Page - NXP Semiconductors 74F00 Datasheet HTML 3Page - NXP Semiconductors 74F00 Datasheet HTML 4Page - NXP Semiconductors 74F00 Datasheet HTML 5Page - NXP Semiconductors 74F00 Datasheet HTML 6Page - NXP Semiconductors 74F00 Datasheet HTML 7Page - NXP Semiconductors 74F00 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F00
Quad 2-input NAND gate
October 4, 1990
4
AC ELECTRICAL CHARACTERISTICS
LIMITS
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1
2.4
2.0
3.7
3.2
5.0
4.3
2.4
2.0
6.0
5.3
2.0
1.5
6.5
6.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Qn
Dna, Dnb
tPHL
tPLH
SF00005
Waveform 1.
Propagation delay for inverting outputs
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com