Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT63M-147BPC Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # UT63M-147BPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M-147BPC Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT63M-147BPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT63M-147BPC Datasheet HTML 20Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
17
ORDERING INFORMATION
UT63M14x Monolithic Transceiver, 5V Operation: SMD
Lead Finish:
(A) =
Solder
(C)
=
Gold
(X) =
Optional
Case Outline:
(X) =
36 pin DIP
(Z)
=
24 pin FP
Class Designator:
(Q) =
Class Q
(V)
= Class V
Device Type
(03) = Idle low
Drawing Number: 93226
Total Dose:
(H)
=
1E6 rads(Si)
(G)
=
5E5 ads(Si)
(F)
=
3E5 rads(Si)
(R)
=
1E5rads(Si)
(-)
=
None
Federal Stock Class Designator: No options
5962
*
93226 *
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold).
3. Total dose must be specified for all QML Q and QML V devices.
4. Neutron irradiation limits will be added when available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com