Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C242 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB97C242
Description  USB 2.0 Flash Drive Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C242 Datasheet(HTML) 1 Page - SMSC Corporation

  USB97C242 Datasheet HTML 1Page - SMSC Corporation USB97C242 Datasheet HTML 2Page - SMSC Corporation USB97C242 Datasheet HTML 3Page - SMSC Corporation USB97C242 Datasheet HTML 4Page - SMSC Corporation USB97C242 Datasheet HTML 5Page - SMSC Corporation USB97C242 Datasheet HTML 6Page - SMSC Corporation USB97C242 Datasheet HTML 7Page - SMSC Corporation USB97C242 Datasheet HTML 8Page - SMSC Corporation USB97C242 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SMSC USB97C242
Page 1
Revision 1.4 (02-16-06)
DATASHEET
USB97C242
USB 2.0 Flash Drive
Controller
Datasheet
Product Features
2.5 Volt, Low Power Core Operation
3.3 Volt I/O with 5V input tolerance
Complete USB Specification 2.0 Compatibility
−
Includes USB 2.0 Transceiver
−
A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
Complete System Solution for interfacing
SmartMedia (SM), and NAND flash devices to
USB 2.0 bus
−
Supports USB Bulk Only Mass Storage Compliant
Bootable BIOS
−
Support for the following devices:
- SM: 2M –15MB/sec
- NAND Flash: 2M – 15MB/sec
−
Built-in hardware 1-bit ECC support.
8051 8 bit microprocessor
−
Provides low speed control functions
−
30 Mhz execution speed at 4 cycles per instruction
average
−
12K Bytes of internal SRAM for general purpose
scratchpad
−
768 Bytes of internal SRAM for general purpose
scratchpad or program execution with external flash
Double Buffered Bulk Endpoint
−
Bi-directional 512 Byte Buffer for Bulk Endpoint
−
64 Byte RX Control Endpoint Buffer
−
64 Byte TX Control Endpoint Buffer
Internal or External Program Memory Interface
− 48K Byte Internal Code Space or optional 64K Byte
External Code Space using Flash, SRAM, or
EPROM memory.
On Board 12Mhz Crystal Driver Circuit
Internal PLL for 480Mhz USB2.0 Sampling,
30Mhz MCU clock
Supports firmware upgrade via USB bus if sector-
erasable Flash program memory is used
7 GPIOs for special function use: LED indicators,
button inputs, power control to memory devices,
etc.
−
Inputs capable of generating interrupts with either
edge sensitivity
100 Pin TQFP (12x12x1.4 body) package; green,
lead-free package also available
ORDERING INFORMATION
Order Number(s):
USB97C242-MN-xx for 100 pin TQFP package
USB97C242-MV-04 for 100 pin TQFP package (green, lead-free)


Similar Part No. - USB97C242

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C243 SMSC-USB97C243 Datasheet
358Kb / 4P
capacitor Selection for Internal Regulator Output Pins
More results

Similar Description - USB97C242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
20-May-2005
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
logo
STMicroelectronics
ST72682 STMICROELECTRONICS-ST72682 Datasheet
542Kb / 36P
USB 2.0 high-speed Flash drive controller
14-Aug-2007
ST72681 STMICROELECTRONICS-ST72681_07 Datasheet
614Kb / 32P
USB 2.0 high-speed Flash drive controller
30-Aug-2007
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
EZ-USB NX2LP??USB 2.0 NAND Flash Controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com