Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F112 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F112
Description  Dual J-K negative edge-triggered flip-flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F112 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F112 Datasheet HTML 1Page - NXP Semiconductors 74F112 Datasheet HTML 2Page - NXP Semiconductors 74F112 Datasheet HTML 3Page - NXP Semiconductors 74F112 Datasheet HTML 4Page - NXP Semiconductors 74F112 Datasheet HTML 5Page - NXP Semiconductors 74F112 Datasheet HTML 6Page - NXP Semiconductors 74F112 Datasheet HTML 7Page - NXP Semiconductors 74F112 Datasheet HTML 8Page - NXP Semiconductors 74F112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74F112
Dual J-K negative edge-triggered flip-flop
February 9, 1990
3
LOGIC SYMBOL
Q0 Q0 Q1 Q1
56
97
VCC = Pin 16
GND = Pin 8
1
4
15
13
10
14
CP0
SD0
RD0
CP1
SD1
RD1
J1
K0
212
SF00104
K1
J0
311
IEC/IEEE SYMBOL
SF00105
6
3
1
2
15
4
11
13
12
14
10
5
9
7
1J
C1
1K
R
S
2J
C2
2K
R
S
LOGIC DIAGRAM
5, 9
4, 10
2, 12
1, 13
6, 7
15, 14
3, 11
Qn
SDn
Kn
Qn
RDn
Jn
CPn
SF00106
VCC = Pin 16
GND = Pin 8
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING MODE
SD
RD
CP
J
K
Q
Q
OPERATING MODE
L
H
X
X
X
H
L
Asynchronous Set
H
L
X
X
X
L
H
Asynchronous Reset
L
L
X
X
X
H*
H*
Undetermined *
H
H
↓
h
h
q
q
Toggle
H
H
↓
l
h
L
H
Load “0” (Reset)
H
H
↓
h
l
H
L
Load “1” (Set)
H
H
↓
l
l
q
q
Hold “no change”
H
H
H
X
X
Q
Q
Hold “no change”
H = High voltage level
h = High voltage level one setup time prior to High-to-Low clock transition
L = Low voltage level
l = Low voltage level one setup time prior to High-to-Low clock transition
q = Lower case letters indicate the state of the reference output prior to the High-to-Low clock transition
X = Don’t care
↓ = High-to-Low clock transition
* = Both outputs will be High while both SD and RD are Low, but the output states are unpredictable if SD and RD go High simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com