Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFTP3401 Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # MMFTP3401
Description  P-Channel Enhancement Mode FET P-Kanal FET – Anreicherungstyp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMFTP3401 Datasheet(HTML) 4 Page - Diotec Semiconductor

  MMFTP3401 Datasheet HTML 1Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 2Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 3Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 4Page - Diotec Semiconductor MMFTP3401 Datasheet HTML 5Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMFTP3401
Characteristics (diode)
Kennwerte (Diode)
Tj = 25°C
Min.
Typ.
Max.
Forward voltage – Durchlass-Spannung
VGS = 0 V
-IS = 1 A
VGS = 0 V
-IS = 4 A
MMFTP3401
MMFTP3401-Q/-AQ
-VSD
–
–
1.0 V
1.3 V
Reverse recovery time – Sperrverzugszeit
-IS = 4 A,
di/dt = -100 A/µs
MMFTP3401
MMFTP3401-Q/-AQ
trr
–
8.6 ns
30 ns
–
Reverse recovery charge – Sperrverzugsladung
-IS = 4 A,
di/dt = -100 A/µs
MMFTP3401
MMFTP3401-Q/-AQ
Qrr
–
7.3 nC
2.7 nC
–
Characteristics (thermal)
Kennwerte (thermisch)
Typ. thermal resistance junction to Ambient
Typ. Wärmewiderst. Sperrschicht – Umgebung
MMFTP3401
MMFTP3401-Q/-AQ
RthA
250 K/W 1)
90 K/W 2)
Dimensions – Maße [mm]
Disclaimer: See data book page or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on PCB with 3 mm2 copper pad at each terminal
– Montage auf Leiterplatte mit 3 mm2 Lötpad je Anschluss
2
Mounted on PCB with 645 mm2 copper pad at each terminal
– Montage auf Leiterplatte mit 645 mm2 Lötpad an je Anschluss
4
http://www.diotec.com/
© Diotec Semiconductor AG
6
[A]
-I
D
Typical transfer characteristics
Typische Übertragungskennlinien
0.5 -V
GS 1.0
1.5
[V] 2.5
2.0
T = 1 25 °C
j
V = 5V
DS
T = 25 °C
j
5
4
1
0
2
3
0.1
102
[A]
[V]
-I
D
-V
DS
T = 25 °C
C
Safe operating area for single pulses
Sicherer Arbeitsbereich für Einzelpulse
R
lim it
D S(o n )
T = 1 5 0°C
j
t = 1 0µs
p
1
10
100
10
1
10-1
1 0 0m s
10 m s
1m s
10 0µs
1 s
DC
Normalized On Resistance (a) vs Tj
Normierter Einschaltwiderstand (a) über Tj
a
[°C]
T
j
100
50
25
-25
75
175
1.8
2.0
1.6
1.4
1.2
1.0
0.8
-V = 10V
GS
-I = 4A
D
Relative transient thermal impedance vs. pulse duration (typical)
Relativer transienter Wärmewiderstand über Impulsdauer (typisch)
[s]
1
t
p
10-5
10
-4
10
-3
10
-2
10
-1
10
1
Z
thA
R
thA
0
t
T
p
D =t /T
p
D = 0.5
0.1
0.2
0.05
0.02
0.01
D
0
10
-1
10
-2
10
-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com