Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC89C52 Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC89C52
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89C52 Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC89C52 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 10Page - Integrated Circuit Solution Inc IC89C52 Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IC89C52(51)A
Integrated CircuitSolution Inc.
7
MC008-0C 11/27/2001
Figure 5. Programming Interface
Programming the IC89C52(51)A:
The IC89C52(51)A is normally shipped the on-chip
Flash memory array in the erased state (i.e. contents=FFH)
and ready to be programmed. The IC89C52(51)A is
programmed byte-by-byte in programming mode. Before
the on-chip flash code memory can be re-programmed, the
entire memory array must be erased electrically.
Programming Interface:
Some conditions must be satisfied before entering the
programming mode. The conditions are listed following.
1. RST is high level
2.
PSEN is low level
3. P3.6 and P3.7 is high level
The interface-controlled signals are matched these
conditions, then the IC89C52(51)A will enter received
command mode. The flash command is accepted by the
flash command decoder in command received mode. The
programming interface is listed in figure 5.
VSS
RST
PSEN
ALE/PROG
EA/VPP
P2.6
P2.7
P3.6
P3.7
XTAL1
H
L
PROG pulse
12V/H
Command Write
Output Enable
H
H
1-12MHz Clock
VCC
10K
VCC
D7-D0
P0
P1
A7-A0
P2.4-2.0
A12-A8
OPERATING DESCRIPTION
The detail description of the IC89C52(51)A included in this description are:
• Memory Map and Registers
• Timer/Counters
• Serial Interface
• Interrupt System
• Other Information
The detail information desription of the IC89C52(51)A refer to IC80C52/32 data sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com