Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9773 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC9773
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9773 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC9773 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC9773 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Advanced Clock Drivers Device Data
10
Freescale Semiconductor
MPC9773
SYNC Output Description
The MPC9773 has a system synchronization pulse output
QSYNC. In configurations for which the output frequency
relationships are not integer multiples of each other, QSYNC
provides a signal for system synchronization purposes. The
MPC9773 monitors the relationship between the A bank and
the B bank of outputs. The QSYNC output is asserted (logic
low) one period in duration and one period prior to the
coincident rising edges of the QA and QC outputs. The
duration and the placement of the pulse is dependent on QA
and QC output frequencies: the QSYNC pulse width is equal
to the period of the higher of the QA and QC output
frequencies. Figure 6 shows various waveforms for the
QSYNC output. The QSYNC output is defined for all possible
combinations of the bank A and bank C outputs.
Figure 6. QSYNC Timing Diagram
fVCO
1:1 Mode
QA
QC
QSYNC
2:1 Mode
QC(
÷2)
QA(
÷6)
QSYNC
3:1 Mode
QA
QC
QSYNC
QA(
÷4)
QC(
÷6)
QSYNC
3:2 Mode
QC(
÷2)
QA(
÷8)
QSYNC
4:1 Mode
QA(
÷6)
QC(
÷8)
QSYNC
4:3 Mode
QA(
÷12)
QC(
÷2)
QSYNC
6:1 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com