Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-00C2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # CPL-WB-00C2
Description  Wide band directional coupler with ISO port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-00C2 Datasheet(HTML) 2 Page - STMicroelectronics

  CPL-WB-00C2 Datasheet HTML 1Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 2Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
CPL-WB-00C2
2/8
Doc ID 15088 Rev 3
1
Characteristics
Table 1.
Absolute maximum rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PIN
Input Power RFIN
35
dBm
VESD (IEC)
ESD ratings IEC 61000-4-2 (C = 150 pF, R = 330
Ω, 10 shots
with both polarities and each condition, cumulative method)
RFIN, RFOUT, air discharge
RFIN, RFOUT, contact discharge
±15
±8
kV
kV
VESD (HBM) Human body model, JESD22-A114-B, All I/O
2
kV
VESD (MM) Machine model, JESD22-A115-A, All I/O
100
V
VESD (CDM) Charge device model, JESD22-C101-C, All I/O
500
V
TOP
Operating temperature
-30
+85
ºC
Table 2.
Electrical characteristics (Tamb = 25 °C) - impedances
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
ZOUT
Nominal output impedance
50
Ω
ZIN
Nominal input impedance
50
Ω
ZCPLD
Nominal coupling impedance
50
Ω
ZOUT
Nominal ISO impedance
50
Ω
Table 3.
Electrical characteristics (Tamb = 25 °C) - RF performance
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
TOP
Operating temperature
-30
+85
°C
f
Frequency range
(bandwidth)
824
2170
MHz
IL
Insertion loss in bandwidth From 824 MHz to 2170 MHz
0.1
0.2
dB
RL
Return loss in bandwidth
From 824 MHz to 2170 MHz
15
dB
CPLD
Coupling factor (including
attenuator)
From 824 MHz to 915 MHz
35
39
dB
From 1710 MHz to 1980 MHz
28
33
dB
Ripple
Coupling ripple in
individual band
(824 to 849 MHz) (880 to 915 MHz)
(1710 to 1785 MHz) (1850 to
1910 MHz)(1920 to 1980 MHz)
0.5
dB
DIR
Coupler directivity
From 824 MHz to 1980 MHz
20
25
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com