Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS25C01 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25C01
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25C01 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
STATUS REGISTER
Table 1. Status Register Format
Bit 7
Bit 6 Bit 5 Bit 4
Bit 3 Bit 2
Bit1 Bit 0
X
XXX
BP1
BP0
WEN
RDY
The status register contains 8-bits for write protection
control and write status. (See Table 1). It is the only
region of memory other than the main array that is
accessible by the user.
The Status Register is Read-Only if either: a) Hardware
Write Protection is enabled or b) WEN is set to 1. If
neither is true, it can be modified by a valid instruction.
Ready (
RDY
RDY
RDY
RDY
RDY), Bit 0: When RDY = 1, it indicates that
the device is busy with a write cycle.
RDY = 0 indi-
cates that the device is ready for an instruction. If
RDY
= 1, the only command that will be handled by the
device is Read Status Register.
Don’t Care, Bits 4-7: Each of these bits can receive
either 0 or 1, but values will not be retained. When
these bits are read from the register, they are always 0.
Note: X = Don't care bit.
Block Protect (BP1, BP0), Bits 2-3: Together, these
bits represent one of four block protection configurations
implemented for the memory array. (See Table 2 for
details.)
BP0 and BP1 are non-volatile cells similar to regular
array cells, and factory programmed to 0. The block of
memory defined by these bits is always protected,
regardless of the setting of
WP or WEN.
Table 2. Block Protection
Status
Register
Bits
Array Addresses Protected
Level
BP1
BP0
IS25C01
0
0
0
None
1(1/4)
0
1
60h
-7Fh
2(1/2)
1
0
40h
-7Fh
3(All)
1
1
00h
-7Fh
Write Enable (WEN), Bit 1: This bit represents the
status of device write protection. If WEN = 0, the Status
Register and the entire array is protected from modifica-
tion, regardless of the setting of
WP pin or block protec-
tion. The only way to set WEN to 1 is via the Write
Enable command (WREN). WEN is reset to 0 upon
power-up, successful completion of Write, WRDI,
WRSR, or
WP being Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com