Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSU102 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSU102
Description  High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSU102 Datasheet HTML 10Page - STMicroelectronics TSU102 Datasheet HTML 11Page - STMicroelectronics TSU102 Datasheet HTML 12Page - STMicroelectronics TSU102 Datasheet HTML 13Page - STMicroelectronics TSU102 Datasheet HTML 14Page - STMicroelectronics TSU102 Datasheet HTML 15Page - STMicroelectronics TSU102 Datasheet HTML 16Page - STMicroelectronics TSU102 Datasheet HTML 17Page - STMicroelectronics TSU102 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Figure 24. Large signal response at 3.3 V supply voltage
at f = 100 Hz
Figure 25. Small signal response at 3.3 V supply voltage
at f = 1 kHz
Figure 26. Overshoot vs. capacitive load at 3.3 V supply
voltage
Figure 27. Recovery time from negative saturation vs.
supply voltage
Figure 28. Recovery time from positive saturation vs.
supply voltage
Figure 29. Slew rate vs. supply voltage at mid Vicm
TSU111H
Typical performance characteristics
DS14162 - Rev 1
page 14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com