Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB624IDT Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSB624IDT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IDT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSB624IDT Datasheet HTML 23Page - STMicroelectronics TSB624IDT Datasheet HTML 24Page - STMicroelectronics TSB624IDT Datasheet HTML 25Page - STMicroelectronics TSB624IDT Datasheet HTML 26Page - STMicroelectronics TSB624IDT Datasheet HTML 27Page - STMicroelectronics TSB624IDT Datasheet HTML 28Page - STMicroelectronics TSB624IDT Datasheet HTML 29Page - STMicroelectronics TSB624IDT Datasheet HTML 30Page - STMicroelectronics TSB624IDT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Table 13. SO14 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.75
A1
0.10
0.225
A2
1.30
1.40
1.50
A3
0.60
0.65
0.70
b
0.39
0.47
b1
0.38
0.41
0.44
c
0.20
0.24
c1
0.19
0.20
0.21
D
8.55
8.65
8.75
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27 BSC
h
0.25
0.50
L
0.50
0.80
L1
1.05 REF
0
8°
Figure 48. SO14 recommended footprint
TSB621, TSB622, TSB624
SO14 package information
DS13848 - Rev 3
page 27/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com