Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2815 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2815
Description  1.5A High-side Power Distribution Switch with Enable and Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2815 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2815 Datasheet HTML 8Page - Diodes Incorporated AP2815 Datasheet HTML 9Page - Diodes Incorporated AP2815 Datasheet HTML 10Page - Diodes Incorporated AP2815 Datasheet HTML 11Page - Diodes Incorporated AP2815 Datasheet HTML 12Page - Diodes Incorporated AP2815 Datasheet HTML 13Page - Diodes Incorporated AP2815 Datasheet HTML 14Page - Diodes Incorporated AP2815 Datasheet HTML 15Page - Diodes Incorporated AP2815 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Advance Datasheet
1.5A High-side Power Distribution Switch with Enable and Flag
AP2815
Apr. 2012 Rev 1. 7
BCD Semiconductor Manufacturing Limited
13
Typical Application
Note 2:2.2
µF input capacitor is enough in most application cases.
If the VOUT is short to ground frequently during usage, large size input capacitor is necessary, recommend 22µF.
Figure 25. Typical Application of AP2815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com