Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

296 Datasheet(PDF) 1 Page - Alpha Wire

Part # 296
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

296 Datasheet(HTML) 1 Page - Alpha Wire

  296 Datasheet HTML 1Page - Alpha Wire 296 Datasheet HTML 2Page - Alpha Wire 296 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 296
Construction
Applicable Specifications
Environmental
Properties
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
1 X 1 BUSBAR
a) Conductor
18 (SOLID) AWG Tinned Copper
0.040
1) Other
ASTM-B33
CID AA59551S18S1T
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU (RoHS3):
All materials used in the manufacture of this part are in compliance with
European Directive 2011/65/EU and the amending Directive 2015/863/EU of
4 June 2015 regarding the restriction of use of certain hazardous substances
in electrical and electronic equipment.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item.
Physical & Mechanical Properties
1) Temperature Range
0 to 200°C
2) Bend Radius
10X Cable Diameter


Similar Part No. - 296

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
Commercial 12mm Diameter Composition Variable Resistors
logo
Alpha Wire
296 ALPHAWIRE-296 Datasheet
97Kb / 3P
Customer Specification
10/28/2022
logo
Keystone Electronics Co...
296 KEYSTONE-296 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Texas Instruments
296-13494-1-ND TI-296-13494-1-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
296-23759-1-ND TI-296-23759-1-ND Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - 296

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com