Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC20N60C Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXKC20N60C
Description  CoolMOS Power MOSFET in ISOPLUS220 Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC20N60C Datasheet(HTML) 1 Page - IXYS Corporation

  IXKC20N60C Datasheet HTML 1Page - IXYS Corporation IXKC20N60C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
GS
Continuous
±20
V
I
D25
T
C
= 25
°C; Note 1
14
A
I
D90
T
C
= 90
°C, Note 1
10
A
I
D(RMS)
Package lead current limit
45
A
E
AS
I
o
= 10A, T
C = 25°C
690
mJ
E
AR
I
o
= 20A
1
mJ
P
D
T
C
= 25
°C
125
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +125
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
RMS leads-to-tab, 50/60 Hz, t = 1 minute
2500
V~
F
C
Mounting force
11 ... 65 / 2.4 ...11 N/lb
Weight
3g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
R
DS(on)
V
GS = 10 V, ID = ID90, Note 3
160
190 m
Ω
V
GS = 10 V, ID = ID90, Note 3 TJ = 125°C
463
m
Ω
V
GS(th)
V
DS = VGS, ID = 1 mA
3.5
5.5
V
I
DSS
V
DS = VDSS
T
J = 25°C1
µA
V
GS = 0 V
T
J = 125°C10
µA
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
G = Gate,
D = Drain,
S = Source
* Patent pending
V
DSS
= 600 V
I
D25
= 14 A
R
DS(on)
= 190 m
Ω
Ω
Ω
Ω
Ω
DS98848C(1/04)
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
3RD generation CoolMOS power MOSFET
- High blocking capability
- Low on resistance
- Avalanche rated for unclamped inductive
switching (UIS)
Low thermal resistance due to reduced
chip thickness
Low drain to tab capacitance(<30pF)
Applications
Switched Mode Power Supplies (SMPS)
Uninterruptible Power Supplies (UPS)
Power Factor Correction (PFC)
Welding
Inductive Heating
Advantages
Easy assembly: no screws or isolation
foils required
Space savings
High power density
CoolMOSTM Power MOSFET
in ISOPLUS220TM Package
Electrically Isolated Back Surface
N-Channel Enhancement Mode
Low R
DS(on), Superjunction MOSFET
IXKC 20N60C
CooLMOS is a trademark of Infineon
Technologies, AG
G
D
S
ISOPLUS 220LVTM
Isolated back surface*
E153432
Preliminary Data Sheet


Similar Part No. - IXKC20N60C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXKC20N60C ISC-IXKC20N60C Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXKC20N60C

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKR40N60 IXYS-IXKR40N60 Datasheet
46Kb / 2P
CoolMOS Power MOSFET in ISOPLUS247 Package
IXUC120N10 IXYS-IXUC120N10 Datasheet
56Kb / 2P
Trench Power MOSFET ISOPLUS220
IXUC200N055 IXYS-IXUC200N055 Datasheet
53Kb / 2P
Trench Power MOSFET ISOPLUS220
IXKC13N80C IXYS-IXKC13N80C Datasheet
1Mb / 2P
CoolMOS Power MOSFET ISOPLUS220
IXUC60N10 IXYS-IXUC60N10 Datasheet
63Kb / 2P
Trench Power MOSFET ISOPLUS220-TM
IXFC96N15P IXYS-IXFC96N15P Datasheet
118Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXKC40N60C IXYS-IXKC40N60C Datasheet
57Kb / 2P
CoolMOS Power MOSFET ISOPLUS220
IXTC13N50 IXYS-IXTC13N50 Datasheet
71Kb / 2P
Power MOSFET ISOPLUS220
IXFC74N20P IXYS-IXFC74N20P Datasheet
125Kb / 5P
PolarHT HiPerFET Power MOSFET ISOPLUS220
IXFC16N80P IXYS-IXFC16N80P Datasheet
207Kb / 2P
PolarHV HiPerFET Power MOSFET ISOPLUS220
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com