Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AL01-R0RYY Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HLMP-AL01-R0RYY
Description  Oval Precision Optical Performance AlInGaP and InGaN Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AL01-R0RYY Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-AL01-R0RYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-AL01-R0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Part Numbering System
HLMP-X X X X - X X X XX
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
YY: Flexi-Bin; Bulk Packaging
ZZ: Flexi-Bin; Ammo Pack
Color Bin
0: No Color Bin Limitation
R: Color Bins 1, 2, 4, and 6 with VF max of 2.6 V
T: Red Color with VF max of 2.6 V
B: Color bin 2 and 3 only
K: Color bins 2 and 4 only
S: Color bins 2 and 4 with VF max of 2.6 V
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Tint Option
1 or 6: Matching Color Tints
Standoff Option
0: Without
1: With
Color
B: 472 nm Blue
D: 630 nm Red
G: 626 nm Red
L: 590 or 592 nm Amber
M: 526 nm Green
Package
A: 5 mm 35
° x 70° Oval, Parallel
B: 5 mm 35
° x 70° Oval, Perpendicular



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com