Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3602A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP3602A
Description  100mA REGULATED CHARGE PUMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3602A Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP3602A Datasheet HTML 2Page - Diodes Incorporated AP3602A Datasheet HTML 3Page - Diodes Incorporated AP3602A Datasheet HTML 4Page - Diodes Incorporated AP3602A Datasheet HTML 5Page - Diodes Incorporated AP3602A Datasheet HTML 6Page - Diodes Incorporated AP3602A Datasheet HTML 7Page - Diodes Incorporated AP3602A Datasheet HTML 8Page - Diodes Incorporated AP3602A Datasheet HTML 9Page - Diodes Incorporated AP3602A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AP3602A
Performance Characteristics (Unless otherwise noted, VIN= 3.0V, CIN= COUT = 10µF, CFLY= 1µF Ceramic Cap, TA= +25°C)
Output Voltage vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Output Current
VOUT Start Up Time, @ No Load
VOUT Start Up Time, @50mA Load
VOUT Start Up Time, @100mA Load
0
25
50
75
100
125
150
4.0
4.2
4.4
4.6
4.8
5.0
5.2
Output Current (mA)
AP3602-5.0V, V
IN=3.0V
AP3602-5.0V, V
IN=2.7V
2.5
3.0
3.5
4.0
4.5
5.0
40
50
60
70
80
90
100
Input Voltage (V)
AP3602-5.0V, I
OUT=25mA
AP3602-5.0V, I
OUT=50mA
AP3602-5.0V, I
OUT=100mA
0.1
1
10
100
70.0
72.5
75.0
77.5
80.0
82.5
85.0
87.5
90.0
92.5
95.0
Output Current (mA)
AP3602-5.0V, V
IN=2.7V
AP3602-5.0V, V
IN=3.0V
Time 40µs/div
VSHDN
2V/div
VOUT
1V/div
VSHDN 0V to 3V
VSHDN
2V/div
VOUT
1V/div
VSHDN 0V to 3V
Time 40µs/div
Time 40µs/div
VSHDN
2V/div
VOUT
1V/div
VSHDN 0V to 3V
AP3602A
Document number: DS36841 Rev. 4 - 2
6 of 11
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com